|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 06/08/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Overview: Description: Documents: 3D Model Drawing (PDF) 0901420014 Active cgrid_iii 2.54mm (.100") Pitch C-Grid IIITM Crimp Housing - Dual Row, 14 Circuits Product Specification PS-99020-0001 (PDF) RoHS Certificate of Compliance (PDF) Series Crimp Housings 90142 Yes cgrid_iii C-Grid IIITM image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. General Product Family Series MolexKits Overview Product Name Physical Breakaway Circuits (maximum) Color - Resin Gender Glow-Wire Compliant Keying to Mating Part Lock to Mating Part Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Polarized to Mating Part Ports Stackable Temperature Range - Operating No 14 Black Female No None Yes PPO 2 Bag No 0.100 In 2.54 mm 0.100 In 2.54 mm Yes 0 No -55C to +105C Search Parts in this Series 90142Series Mates With C-Grid IIITM Header, Dual Row 90122 , 90130 , 90131 Use With C-Grid IIITM Crimp Terminal 90119 Electrical Current - Maximum per Contact 3A Material Info Reference - Drawing Numbers Product Specification Sales Drawing PS-99020-0001 SD-90142 This document was generated on 06/08/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 0901420014 |